Part Number Hot Search : 
IS3022 5801404 1N4756A P6KE20 31000 9DBV0241 E4413A HI5728
Product Description
Full Text Search
 

To Download SS32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SS32-SS315
SCHOTTKY BARRIER RECTIFIERS
PRODUCT SUMMARY
3.0 AMPS Surface Mount
SMC/DO-214AB
.126(3.20) .114(2.90) .245(6.22) .220(5.59)
FEATURES
For surface mounted application Easy pick and place Metal to silicon rectifier, majority carrier conduction Low power loss, high efficiency High current capability, low VF High surge current capability Plastic material used carriers Underwriters Laboratory Classification 94V-0 Epitaxial construction High temperature soldering: o 260 C / 10 seconds at terminals
.280(7.11) .260(6.60) .012(.31) .006(.15)
.103(2.62) .079(2.00)
.063(1.6) .039(1.0) .320(8.13) .305(7.75)
.008(.20) .004(.10)
MECANICAL DATA
Case: JEDEC DO-214AB Molded plastic Terminals: Pure tin plated, lead free. Polarity: Indicated by cathode band Packaging: 16mm tape per EIA STD RS-481 Weight: 0.21gram
o
Dimensions in inches and (millimeters)
Pb-free; RoHS-compliant
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Symbol SS 32 Maximum Recurrent Peak Reverse Voltage VRRM 20 Maximum RMS Voltage 14 VRMS Maximum DC Blocking Voltage 20 VDC
Type Number
SS 33 30 21 30
SS 34 40 28 40
SS 35 50 35 50 3.0
SS 36 60 42 60
SS 39 90 63 90
SS 310 100 70 100
SS Units 315 150 V 105 V 150 V A
Maximum Average Forward Rectified Current at TL(See Fig. 1) Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage (Note 1) IF= 3.0A @ 25oC @ 100oC o Maximum DC Reverse Current @ TA =25 C at o Rated DC Blocking Voltage @ TA=125 C Typical Thermal Resistance ( Note 2 )
I(AV) IFSM VF IR 100
70
A V mA mA
o
0.5 0.4 0.5 10
0.75 0.65 5 17 55
0.85 0.95 0.70 0.80 0.1 0.5
R JL R JA Operating Temperature Range TJ -55 to +125 Storage Temperature Range TSTG Notes: 1. Pulse Test with PW=300 usec, 1% Duty Cycle
C/W
o o
-55 to +150 -55 to +150
C C
04/05/2007 Rev.1.00
www.SiliconStandard.com
1
SS32-SS315
RATINGS AND CHARACTERISTIC CURVES (SS32 THRU SS315)
FIG.1- MAXIMUM FORWARD CURRENT DERATING CURVE
3 100
FIG.2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT. (A)
AT RATED TL 8.3ms Single Half Sine Wave JEDEC Method
AVERAGE FORWARD CURRENT. (A)
RESISTIVE OR INDUCTIVE LOAD
80
SS35-SS315
2
SS32-SS34
60
1
40
20
PCB MOUNTED ON 0.6X0.6" (16X16mm) COPPER PAD AREAS 0 50 60 70 80 90 100 110 120
o
130
140
150
160
01
LEAD TEMPERATURE. ( C)
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3- TYPICAL FORWARD CHARACTERISTICS
40
TJ=25 0C
FIG.4- TYPICAL REVERSE CHARACTERISTICS
20 10
TJ=125 0C
SS35-SS36
INSTANTANEOUS FORWARD CURRENT. (A) INSTANTANEOUS REVERSE CURRENT. (mA)
10
SS32-SS34
1
1
TJ=75 0C
0.1
SS39-SS310
0.1
0.01
SS315
PULSE WIDTH=300 S 1% DUTY CYCLE
TJ=25 0C
SS32-SS34 SS35-SS315
0.01 0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.001 0
20
40
60
80
100
120
140
FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.5- TYPICAL JUNCTION CAPACITANCE
TJ=25 0C f=1.0MHz Vsig=50mVp-p
FIG.6- TYPICAL TRANSIENT THERMAL CHARACTERISTICS
TRANSCIENT THERMAL IMPEDANCE, ( oC/W)
100 100
1000
JUNCTION CAPACITANCE.(pF)
10
100
1
SS32-SS34 SS35-SS36 SS39-SS315 10 0.1 1 10
0.1 0.01
0.1
1 t, PULSE DURATION, (sec)
10
100
REVERSE VOLTAGE. (V)
Information furnished by Silicon Standard Corporation is believed to be accurate and reliable. However, Silicon Standard Corporation makes no guarantee or warranty, expressed or implied, as to the reliability, accuracy, timeliness or completeness of such information and assumes no responsibility for its use, or for infringement of any patent or other intellectual property rights of third parties that may result from its use. Silicon Standard reserves the right to make changes as it deems necessary to any products described herein for any reason, including without limitation enhancement in reliability, functionality or design. No license is granted, whether expressly or by implication, in relation to the use of any products described herein or to the use of any information provided herein, under any patent or other intellectual property rights of Silicon Standard Corporation or any third parties.
04/05/2007 Rev.1.00
www.SiliconStandard.com
2


▲Up To Search▲   

 
Price & Availability of SS32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X